PART |
Description |
Maker |
CS8190ENF16 CS8190EDWFR20 CS8190 CS8190EDWF20 CS81 |
Precision Air-Core Tach/Speedo Driver 0.01 A BUF OR INV BASED PRPHL DRVR, PDSO20 Precision Air-Core Tach/Speedo Driver with Return to Zero
|
ONSEMI[ON Semiconductor]
|
2508-18N-L 2508-23N-L 1508-13N-L 2508-27N-L 1508-9 |
Low Profile Mini Spring垄芒 Inductors Low Profile Mini Spring Inductors RF inductor, air core, 5% tol, SMT, RoHS 1 ELEMENT, 0.018 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD RF inductor, air core, 2% tol, SMT, RoHS 1 ELEMENT, 0.023 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
Coilcraft lnc. Coilcraft, Inc.
|
1812SMS-22N-L 1812SMS-27N-L 1812SMS-33N-L 1812SMS- |
Midi Spring垄莽 Air Core Inductors Midi Spring庐 Air Core Inductors Midi Spring? Air Core Inductors
|
Coilcraft lnc.
|
GA3095-ALB GA3094-ALC |
RF inductor, air core, for Freescale MRF6V, 5% tol, SMT, RoHS 1 ELEMENT, 0.0175 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD RF inductor, air core, for Freescale MRF6V, 5% tol, SMT, RoHS 1 ELEMENT, 0.012 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
Coilcraft, Inc.
|
LQG15HS10NJ02D LQG15HS12NJ02D LQG15HS22NJ02D LQG15 |
INDUCTOR 10NH 300MA 0402 1 ELEMENT, 0.01 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 12NH 300MA 0402 1 ELEMENT, 0.012 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 22NH 300MA 0402 1 ELEMENT, 0.022 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 2.2NH 300MA 0402 1 ELEMENT, 0.0022 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 3.3NH 300MA 0402 1 ELEMENT, 0.0033 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 3.9NH 300MA 0402 1 ELEMENT, 0.0039 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 47NH 200MA 0402 1 ELEMENT, 0.047 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 5.6NH 300MA 0402 1 ELEMENT, 0.0056 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD Chip Inductor (Chip Coil) for High Frequency Multilayer Type LQG15HS Series (0402 Size) INDUCTOR 27NH 300MA 0402 Chip Inductor (Chip Coil) for High Frequency Multilayer Type Chip Inductor (Chip Coil) for High Frequency Multilayer Type LQG15HS Series (0402 Size)
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD Murata Manufacturing Co...
|
CS4101-D |
Precision Air-Core Tach/Speedo Driver with Separate Function Generator Input
|
ON Semiconductor
|
LQW18ANR22J00 LQW15AN13NJ00 LQW18AN56NJ00 |
INDUCTOR, 220NH, 5% 1 ELEMENT, 0.22 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 0.013 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 0.056 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
AE360RAS8N9GSN AE360RAS8N9JSN AE360RAS8N9JSC AE360 |
1 ELEMENT, 0.0089 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 0.0157 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
COILCRAFT INC
|
AE475RAT27NGSW AT82NJSP AT82NGSP AE475RAT27NGSP |
1 ELEMENT, 0.027 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 0.082 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
COILCRAFT INC
|
|